| データシートサーチシステム |
|
PIC16F15213 データシート(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213 データシート(HTML) 31 Page - Microchip Technology |
|
31 / 420 page ![]() 8.6.4 CONFIG4 Name: CONFIG4 Address: 0x800A Configuration Word 4 Bit 15 14 13 12 11 10 9 8 LVP WRTSAF WRTC WRTB Access R/W R/W R/W R/W Reset 1 1 1 1 Bit 7 6 5 4 3 2 1 0 WRTAPP SAFEN BBEN BBSIZE[2:0] Access R/W R/W R/W R/W R/W R/W Reset 1 1 1 1 1 1 Bit 13 – LVP Low-Voltage Programming Enable(1) Value Description 1 Low-Voltage Programming is enabled. MCLR/VPP pin function is MCLR. The MCLRE bit is ignored. 0 High voltage (HV) on MCLR/VPP must be used for programming. Bit 11 – WRTSAF Storage Area Flash (SAF) Write Protection(2,3) Value Description 1 SAF is NOT write-protected 0 SAF is write-protected Bit 9 – WRTC Configuration Registers Write-Protection(2) Value Description 1 Configuration registers are NOT write-protected 0 Configuration registers are write-protected Bit 8 – WRTB Boot Block Write-Protection(2,4) Value Description 1 Boot Block is NOT write-protected 0 Boot Block is write-protected Bit 7 – WRTAPP Application Block Write-Protection(2) Value Description 1 Application Block is NOT write-protected 0 Application Block is write-protected Bit 4 – SAFEN Storage Area Flash (SAF) Enable(2) Value Description 1 SAF is disabled 0 SAF is enabled Bit 3 – BBEN Boot Block Enable(2) Value Description 1 Boot Block is disabled 0 Boot Block is enabled PIC16F15213/14/23/24/43/44 Device Configuration © 2020 Microchip Technology Inc. Preliminary Datasheet DS40002195A-page 31 |