| データシートサーチシステム |
|
PIC16F15213 データシート(PDF) 98 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213 データシート(HTML) 98 Page - Microchip Technology |
|
98 / 420 page ![]() Note: 1. RC1IF is read-only. User software must read RC1REG to clear RC1IF. 2. TX1IF is read-only. User software must load TX1REG to clear TX1IF. TX1IF does not indicate a completed transmission (use TMRT for this purpose instead). 3. Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding enable bit or the Global Enable (GIE) bit. User software should ensure the appropriate interrupt flag bits are cleared before enabling an interrupt. PIC16F15213/14/23/24/43/44 Interrupts © 2020 Microchip Technology Inc. Preliminary Datasheet DS40002195A-page 98 |