| データシートサーチシステム |
|
USB3341CPTR データシート(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3341CPTR データシート(HTML) 41 Page - Microchip Technology |
|
41 / 92 page ![]() 2009-2018 Microchip Technology Inc. DS00002646A-page 41 USB334x The USB334x does not provide the DC bias for the audio signals. The SPK_R and SPK_L pins should be biased to 1.65V when audio signals are routed through the USB334x. This DC bias is necessary to prevent the audio signal from swinging below ground and being clipped by ESD Diodes. When the system is not using the USB Audio switches, the SPK_R and SPK_L switches should be disabled. |