| データシートサーチシステム |
|
USB3341CPTR データシート(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB3341CPTR データシート(HTML) 82 Page - Microchip Technology |
|
82 / 92 page ![]() USB334x DS00002646A-page 82 2009-2018 Microchip Technology Inc. 9.0 PACKAGE OUTLINE FIGURE 9-1: 24-Pin Sawn QFN - USB3341 Only B A 0.10 C 0.10 C 0.10 C A B 0.05 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 1 2 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 1 2 N 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing C04-143B MJ Sheet 1 of 2 2X 24X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 24-Lead Very Thin Plastic Quad Flat, No Lead Package (MJ) – 4x4x0.9 mm Body [VQFN] D E e 2 D2 E2 L 24X b e K A (A3) A1 |