データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NRF24AP2-USBQ32-R7 データシート(PDF) 15 Page - List of Unclassifed Manufacturers

部品番号 NRF24AP2-USBQ32-R7
部品情報  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R7 データシート(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R7 Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 14Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 15Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 16Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 17Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 18Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R7 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Revision 1.0
Page 15 of 44
nRF24AP2-USB Product Specification
Figure 8. Channel communication showing forward and reverse directions. Not to scale
At each time slot an ANT channel can transfer user data (8 bytes) both ways as simple broadcasts,
broadcast with acknowledgement from the receiver, or transfer data as bursts (this will extend the time slot
used) to accommodate transfer of larger blocks of user data. The total available payload bandwidth (20
kbps) in an ANT node is shared between active ANT channels through a Time Division Multiple Access
(TDMA) scheme. If a channel time slot comes up, but there is no new data from the master, the master will
still send the last packet to keep the timing of the channel and enable the slave to send data back if
needed.
Each ANT channel available in the nRF24AP2 can for example be configured as a simple unidirectional
(broadcast), or bi-directional independent channel; or as a more complex, shared channel where a master
interfaces to multiple slaves (1:N topologies). Please see the ANT Message Protocol and Usage document
for further details on shared ANT channels.
4.2.3
ANT channel configuration
Unique to ANT is that the setup of each ANT channel is independent from all the other ANT channels in the
network, including other channels in the same node. This means that one ANT node can act as master on
one ANT channel while being a slave to another. Since there is no overall ‘network master’ present in ANT
networks, ANT allows you to configure and run each ANT channel solely based on the needs of the nodes
on that channel. Search- and pairing algorithms in ANT let you easily set up and shut down ANT channels
in an ad-hoc fashion. This gives you ultimate flexibility in adjusting ANT channel parameters like data rate
and latency versus power consumption. Moreover, you only make the network as complex as it needs to
be at any given time. In order for two ANT nodes to set up an ANT channel, they must share a common
channel configuration and channel ID. The necessary configuration parameters are summarized in Table
3. on page 16.
Master
Slave
Tch
Tch
Tch
time
time
Forward
direction
Reverse
direction
Channel time slot
(Always)
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44