| データシートサーチシステム |
|
NRF24AP2-USBQ32-R7 データシート(PDF) 43 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NRF24AP2-USBQ32-R7 データシート(HTML) 43 Page - List of Unclassifed Manufacturers |
|
43 / 44 page ![]() Revision 1.0 Page 43 of 44 nRF24AP2-USB Product Specification 12 Ordering information 12.1 Package marking 12.1.1 Abbreviations Table 26. Abbreviations 12.2 Product options 12.2.1 RF silicon Table 27. nRF24AP2 RF silicon options 12.2.2 Development tools Table 28. nRF24AP2-USB reference design NR F B X 24 A P 2 U YY W W L L Abbreviation Definition B Build Code variable. Unique code for production sites, package type and test platform X "X" grade, that is, Engineering Samples (optional) 24AP2U Product number YY Two-digit year number WW Two-digit week number LL Two-letter wafer-lot number code Ordering code Product Package Container MOQ nRF24AP2-USBQ32-T nRF24AP2-USB Single chip ANT solution with USB 5x5mm 32-pin QFN Tray 490 nRF24AP2-USBQ32-R7 nRF24AP2-USB Single chip ANT solution with USB 5x5mm 32-pin QFN Tape-and-reel 1500 nRF24AP2-USBQ32-R nRF24AP2-USB Single chip ANT solution with USB 5x5mm 32-pin QFN Tape-and-reel 4000 nRF24AP2-USBQ32-S nRF24AP2-USB Single chip ANT solution with USB 5x5mm 32-pin QFN Sample box 5 Type Number Description nRF6910 nRFready ANT USB dongle reference design |