| データシートサーチシステム |
|
W6100 データシート(PDF) 45 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 データシート(HTML) 45 Page - WIZnet Co., Ltd |
|
45 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 45/149 SHAR sets the source hardware address when SYSR [NETL] = '0' (NETLCKR (Network Lock Register) is Unlocked). Ex) SHAR = “11:22:33:AA:BB:CC” SHAR0(0x4120) SHAR1(0x4121) SHAR2(0x4122) 0x11 0x22 0x33 SHAR3(0x4123) SHAR4(0x4124) SHAR5(0x4125) 0xAA 0xBB 0xCC 4.1.36 GAR (Gateway IP Address Register) [R=W] [0x4130-0x4133] [0x0000_0000] The GAR sets the source gateway address when SYSR [NETL] = '0' (NETLCKR (Network Lock Register) is Unlocked). Ex) GAR = “192.168.0.1” GAR0(0x4130) GAR1(0x4131) GAR2(0x4132) GAR3(0x4133) 192 (0xC0) 168 (0xA8) 0 (0x00) 1 (0x01) 4.1.37 SUBR (Subnet Mask Register) [R=W] [0x4134–0x4137] [0x0000_0000] SUBR sets the subnet mask when SYSR [NETL] = '0' (NETLCKR (Network Lock Register) is Unlocked). Ex) SUBR = “255.255.255.255” SUBR0(0x4134) SUBR0(0x4135) SUBR0(0x4136) SUBR0(0x4137) 255 (0xFF) 255 (0xFF) 255 (0xFF) 255 (0xFF) 4.1.38 SIPR (IPv4 Source Address Register) [R=W] [0x4138-0x413B] [0x0000_0000] SIPR sets the source IP address when SYSR [NETL] = '0' (NETLCKR (Network Lock Register) is Unlocked). Ex) SIPR = “192.168.0.100” SIPR0(x4138) SIPR1(0x4139) SIPR2(0x413A) SIPR3(0x413B) 192 (0xC0) 168 (0xA8) 0 (0x00) 100(0x64) |