| データシートサーチシステム |
|
W6100 データシート(PDF) 65 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 データシート(HTML) 65 Page - WIZnet Co., Ltd |
|
65 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 65/149 4.2.15 Sn_DHAR (SOCKET n Destination Hardware Address Register) [RW] [0x0118-0x11D] [0x0000_0000_0000] Sn_DHAR indicates the destination hardware address after the connection is established (Sn_SR = SOCK_ESTABLISHED) with the destination in TCP4, TCP6, TCPD mode. Sn_DHAR is set as multicast group hardware address when Sn_MR[3:0] is UDP4 or UDP6 and Sn_MR[MULTI] is ‘1’. ref) 6.3.3 UDP Multicast Ex) S0_DHAR = “11:22:33:AA:BB:CC” S0_DHAR0(0x0118) S0_DHAR1(0x0119) S0_DHAR2(0x011A) 0x11 0x22 0x33 S0_DHAR3(0x011B) S0_DHAR4(0x011C) S0_DHAR5(0x011D) 0xAA 0xBB 0xCC 4.2.16 Sn_DIPR (SOCKET n Destination IPv4 Address Register) [RW] [0x0120-0x0123] [0x0000_0000] Sn_DIPR indicates IPv4 destination address and depends on the protocol type in Sn_MR[3:0]. Sn_MR[3:0] Sn_MR[MULTI] Sn_DIPR TCP4 Don’t care Set or Get Destination IPv4 Address TCPD Don’t care UDP4 0 Set Destination IPv4 Address UDPD Don’t care IPRAW4 Don’t care UDP4 1 Set Multicast Group IPv4 Address ref) 6.3.3 UDP Multicast Ex) S0_DIPR = “192.168.0.11” S0_DIPR0(0x0120) S0_DIPR1(0x0121) S0_DIPR2(0x0122) S0_DIPR3(0x0123) 192 (0xC0) 168 (0xA8) 0 (0x00) 11 (0x0B) 4.2.17 Sn_DIP6R (SOCKET n Destination IPv6 Address Register) [RW] [0x0130-0x013F] [0x0000_0000_0000_0000_0000_0000_0000_0000] Sn_DIPR indicates IPv6 destination address and depends on the protocol type in Sn_MR[3:0]. |