| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 54 page ![]() PCA85276 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. Product data sheet Rev. 3 — 12 November 2018 21 of 54 NXP Semiconductors PCA85276 Automotive 40 x 4 LCD driver 6.5.4.2 1:2 Multiplex drive mode When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The PCA85276 allows the use of 1⁄2 bias or 1⁄3 bias in this mode as shown in Figure 12 and Figure 13. Vstate1(t) = VSn(t) VBP0(t). Von(RMS) = 0.791VLCD. Vstate2(t) = VSn(t) VBP1(t). Voff(RMS) = 0.354VLCD. Fig 12. Waveforms for the 1:2 multiplex drive mode with 1⁄2 bias |