データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8536AT データシート(PDF) 36 Page - NXP Semiconductors

部品番号 PCF8536AT
部品情報  Automotive 40 x 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT データシート(HTML) 36 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 32Page - NXP Semiconductors PCF8536AT Datasheet HTML 33Page - NXP Semiconductors PCF8536AT Datasheet HTML 34Page - NXP Semiconductors PCF8536AT Datasheet HTML 35Page - NXP Semiconductors PCF8536AT Datasheet HTML 36Page - NXP Semiconductors PCF8536AT Datasheet HTML 37Page - NXP Semiconductors PCF8536AT Datasheet HTML 38Page - NXP Semiconductors PCF8536AT Datasheet HTML 39Page - NXP Semiconductors PCF8536AT Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
PCA85276
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 12 November 2018
36 of 54
NXP Semiconductors
PCA85276
Automotive 40 x 4 LCD driver
13. Application information
13.1 Cascaded operation
Large display configurations of up to 8 PCA85276 can be recognized on the same I2C-bus
by using the 2-bit hardware subaddress (A0 and A1) and the programmable I2C-bus slave
address (SA0).
When cascaded PCA85276 are synchronized, they can share the backplane signals from
one of the devices in the cascade. The other PCA85276 of the cascade contribute
additional segment outputs. The backplanes can either be connected together to enhance
the drive capability or some can be left open-circuit (such as the ones from the slave
in Figure 26) or just some of the master and some of the slave will be taken to facilitate the
layout of the PCB.
Table 20.
Addressing cascaded PCA85276
Cluster
Bit SA0
Pin A1
Pin A0
Device
10
000
011
102
113
21
004
015
106
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54