| データシートサーチシステム |
|
MAS3519F データシート(PDF) 62 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3519F データシート(HTML) 62 Page - Micronas |
|
62 / 92 page ![]() MAS 35x9F DATA SHEET 62 June 30, 2004; 6251-505-1DS Micronas 4.3.14. Miscellaneous SYNC OUT The SYNC signal indicates the detection of a frame start in the input data of MAS 35x9F. Usually this sig- nal generates an interrupt in the controller. POR IN The Power-On Reset pin is used to reset the whole MAS 35x9F. The POR is an active-low signal (see Fig. 5–1 on page 89). TE IN The TE pin is for production test only and must be con- nected with VSS in all applications. 4.4. Pin Configuration Fig. 4–4: PLQFP64-1/PMQFP64-2 and PQFN64-1 package SIBD SIBC SIBI SPDI2 SPDI1 SPDIR FILTL AVDD0 OUTL OUTR AVSS0 FILTR AVSS1 VREF PVDD AVDD1 PR PRTW PRTR EOD PUP VBAT SYNC I2CD I2CC CLKO DCEN VSENS2 DCSO2 DCSG2 DCSG1 DCSO1 SIC SII SID SOC SOI SOD PI12 SPDO PI13 PI14 PI15 PI16 PI17 PI18 PI19 PCS MICIN MICBI INL INR TE XTI XTO AGNDC POR VSS XVSS VDD XVDD I2CVDD DVS VSENS1 MAS 35x9F 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 12 34 56 78 9 10 11 12 13 14 15 16 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 |