| データシートサーチシステム |
|
PE2G4BPFI80-SD-R データシート(PDF) 8 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G4BPFI80-SD-R データシート(HTML) 8 Page - Silicom Ltd. |
|
8 / 8 page ![]() Silicom Ltd. Connectivity Solutions Page 8 Silicom’s Quad Port Fiber Gigabit Ethernet supports Disable Bypass, Disable Disconnected capabilities; hence, if those adapters receive Disable Bypass capability / Disable Disconnect commands,the adapter does not Bypass / does not Disconnect its Ethernet ports, The Disable Bypass Capabilities are reserved also after power off. This feature enables to emulate a standard NIC. Silicom’s Quad Port Fiber Gigabit Ethernet supports Disable supports setting the default mode at power up and power off. Those setting are reserved also after power off. Order Information P/N Description Notes PE2G4BPFI80-SD-R Quad Port Fiber (SX) Gigabit Ethernet PCI Express Bypass Server Adapter RoHS Compliant, PCIe X4 Gen 2.0, based on Intel 82580, with Bypass and Disconnect PE2G4BPFI80-LX-SD-R Quad Port Fiber (LX) Gigabit Ethernet PCI Express Bypass Server Adapter RoHS Compliant, PCIe X4 Gen 2.0, based on Intel 82580, with Bypass and Disconnect -SD: Side Driver -R: RoHS Compliant / Lead free adapter 1V0 usa.com - licom ww.si w |