| データシートサーチシステム |
|
PE2G4BPFI80-SD-R データシート(PDF) 2 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G4BPFI80-SD-R データシート(HTML) 2 Page - Silicom Ltd. |
|
2 / 8 page ![]() Silicom Ltd. Connectivity Solutions Page 2 Key Features Bypass / Disconnect: Bypass / Disconnect Ethernet ports on Power Fail, System Hangs or Software Application Hangs Software programmable Bypass, Disconnect or Normal Mode On Board Watch Dog Timer (WDT) Controller Software programmable time out interval Software Programmable WDT Enable / Disable counter. Software programmable Bypass Capability Enable / Disable. Software Programmable Disconnect Capability Enable / Disable. Software Programmable mode (Bypass, Normal or Disconnect mode) at Power up. Software Programmable mode (Bypass, Normal mode) at Power off. Independent Bypass operation in every two ports. Emulates standard NIC Performance Features: 8 Transmit and Receive queues per port. Support for 8 pools (single queue) of virtual machine Device Queues (VMDq) per port. Support Direct Cache Access (DCA). Support Intel I/O Acceleration Technology v3.0. TSO interleaving for reduced latency Minimized device I/O interrupts using MSI and MSI-X UDP, TCP and IP checksum offload UDP and TCP transmit segmentation offload (TSO). SCTP receive and transmit checksum offload. Common Key features: Support PCI Express Base Specification 2.0 (5GT/sec) High performance, reliability, and low power use in Intel 82580 quad integrated MAC + PHY and SERDES chip controller. Hardware acceleration that can offload tasks from the host processor. The controllers can offload TCP/UDP/IP checksum calculations and TCP segmentation. Server class reliability, availability and performance features: o Link Aggregation and Load Balancing o Switch dependent: 802.3ad (LACP), Generic Trunking ( GEC / FEC) o Switch and NIC Independent. usa.com - licom ww.si w |