| データシートサーチシステム |
|
AVRF06 データシート(PDF) 6 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
AVRF06 データシート(HTML) 6 Page - TDK Electronics |
|
6 / 10 page ![]() Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. 20200528 (6/10) notch-filter_commercial_avrf_en.fm EMC Components AVRF series Attention on a circuit board design Arrangements of components (1) I was based on camber of substrate and suggested protocol of products arrangement, as stress does not join to the utmost is shown in following. (2) In payment near by board, depending on mount position of products, as mechanical stress varies, please refer to the following diagram. The order of A > B = C > D > E eases the stress. Substrate for flexural stress Adverse events Substrate for flexural stress Good example Direction of surface solder Solder the mountain fold as a top. Solder the mountain fold as a bottom. [Please review the italicized portion, as I am unsure what you mean to con- vey here.] Chip arrangements (direction) Mounted vertically to the per- foration and slit. Mounted horizontally to the perforation and slit. Distance from perforation and slit portion Close location is disadvanta- geous of perforation and slit. It is an advantage so distant location away places the perfo- ration and slit. Perforation or slit Perforation or slit Perforation or slit Perforation or slit L1 (L1<L2) L2 (L1<L2) B E D A C Slit Perforation |