| データシートサーチシステム |
|
PE2G4BPI80L-SD-R データシート(PDF) 3 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G4BPI80L-SD-R データシート(HTML) 3 Page - Silicom Ltd. |
|
3 / 7 page ![]() Silicom Ltd. Connectivity Solutions Page 3 Support PCI Express Base Specification 2.0 (5 GTs) High performance, reliability, and low power use in Intel 82580 Quad integrated MAC + PHY and SERDES chip Controllers Ultra deep, packet buffer per channel lowers CPU utilization Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum calculations and TCP segmentation Server class reliability, availability and performance features o Link Aggregation and Load Balancing o Switch dependent: 802.3ad (LACP), Generic Trunking ( GEC / FEC) o Switch and NIC Independent o Failover Priority queuing – 802.1p layer 2 priority encoding Virtual LANs –802.1q VLAN tagging Jumbo Frame (9.5KB) 802.x flow control Multicast/ broadcast Packet replication Statistics for SNMP MIB II, Ethernet like MIB, and Ethernet MIB (802.3z, Clause 30) Supports Vital Product Data (VPD) LEDs indicators for link/Activity/Bypass Mode status Technical Specifications Bypass Specification: WDT Interval (Software Programmable): 3,276,800 mSec (3,276.8 Sec): Maximum 100 mSec ( 0.1 Sec) : Minimum WDT Interval = (2^wdt_interval_parameter)*(0.1) sec. wdt_interval_parameter: {Valid Range: 0-15} Copper Gigabit Ethernet Technical Specifications – (1000Base-T) Adapters: IEEE Standard / Network topology: Gigabit Ethernet, 1000Base-T Fast Ethernet, 100Base-TX Ethernet, 10Base-T Full duplex / Simplex: Support both Simplex & Full duplex operation in all operating speeds Auto negotiation: Auto-negotiation between Full duplex and simplex operations and between 10Mb/s 100Mb/s usa.com - www.silicom |