データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE2G4BPI80L-SD-R データシート(PDF) 7 Page - Silicom Ltd.

部品番号 PE2G4BPI80L-SD-R
部品情報  Quad Port Copper Gigabit Ethernet PCI Express Gen 2.0 Bypass Server Adapter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4BPI80L-SD-R データシート(HTML) 7 Page - Silicom Ltd.

  PE2G4BPI80L-SD-R Datasheet HTML 1Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 2Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 3Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 4Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 5Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 6Page - Silicom Ltd. PE2G4BPI80L-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
7
Figure 3: Disconnect Mode Functional Block Diagram
Silicom’s Quad Port Bypass adapter supports software programmable to select Normal, Bypass or Disconnect modes.
Silicom’s Quad Port Bypass adapter supports Disable Bypass, Disable Disconnected capabilities; hence, if those adapters receive
Disable Bypass capability / Disable Disconnect commands, the adapter does not Bypass / does not Disconnect its Ethernet ports,
The Disable Bypass Capabilities are reserved also after power off. This feature enables to emulate a standard NIC.
Silicom’s Quad Port Bypass adapter supports Disable supports setting the default mode at power up and power off. Those setting
are reserved also after power off.
Order Information
P/N
Description
Notes
PE2G4BPI80L-SD-R
Quad Port Copper Gigabit PCI Ethernet PCI
Express Gen 2.0 Bypass Server Adapter
x4, Based on Intel 82580EB, PCI-E Gen 2.0,
RoHS compliant
Note: Model P/N -SD
-SD: Side Driver
-R: RoHS Compliant / Lead free adapter
1V4
usa.com
-
www.silicom



Html Pages

1 2 3 4 5 6 7