| データシートサーチシステム |
|
VRF2944MP データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
VRF2944MP データシート(HTML) 2 Page - Microchip Technology |
|
2 / 6 page ![]() VRF2944(MP) Dynamic Characteristics Symbol Parameter Test Conditions Min Typ Max Unit C ISS Input Capacitance V GS = 0V 1050 pF C oss Output Capacitance V DS = 50V 520 C rss Reverse Transfer Capacitance f = 1MHz 62 Functional Characteristics Symbol Parameter Min Typ Max Unit G PS f 1 = 30MHz, VDD = 50V, IDQ = 250mA, Pout = 400W 23 25 dB η D f 1 = 30MHz, VDD = 50V, IDQ = 250mA, Pout = 400W 50 % ψ f = 30MHz, V DD = 50V, IDQ = 250mA, Pout = 400W CW 70:1 VSWR - All Phase Angles, 0.2mSec X 20% Duty Factor No Degradation in Output Power Microsemi reserves the right to change, without notice, the specifications and information contained herein. 0 20 40 60 80 100 0 2 4 6 8 10 12 0 10 20 30 40 50 60 70 80 90 0 5 10 15 20 25 30 1 10 100 500 1 10 100 500 10 100 1000 0 10 20 30 40 50 60 70 80 90 100 10,000 C iss VDS(ON), DRAIN-TO-SOURCE VOLTAGE (V) FIGURE 1, Output Characteristics T J= 125°C VDS, DRAIN-TO-SOURCE VOLTAGE (V) FIGURE 3, Capacitance vs Drain-to-Source Voltage VDS, DRAIN-TO-SOURCE VOLTAGE (V) FIGURE 4, Forward Safe Operating Area 5.0V 4.5V VGS, GATE-TO-SOURCE VOLTAGE (V) FIGURE 2, Transfer Characteristics 250µs PULSE TEST<0.5 % DUTY CYCLE T J= -55°C T J= 25°C C oss C rss Rds(on) PD Max TJ = 125°C TC = 75°C Typical Performance Curves I DMax 4V 5.5V 6.0V 6.5V 7.0V 8.0V 100μs 1ms 10ms DC line |