| データシートサーチシステム |
|
VRF2944MP データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
VRF2944MP データシート(HTML) 3 Page - Microchip Technology |
|
3 / 6 page ![]() 0 0.05 0.10 0.15 0.20 0.25 10-5 10-4 10-3 10-2 10 1.0 -1 VRF2944(MP) Peak T J = P DM x Z θJC + TC Duty Factor D = t1/t2 t2 t1 Note: t1 = Pulse Duration RECTANGULAR PULSE DURATION (seconds) Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration 0 100 200 300 400 500 600 700 800 0 0.5 1 1.5 2 2.5 3 0 10 20 30 40 50 60 70 80 90 100 0 100 200 300 400 500 600 700 P IN, INPUT POWER (WATTS PEP) Figure 6. P OUT versus PIN P OUT, OUTPUT POWER (WATTS PEP) Figure 7. EFFICIENCY versus P IN 50V 40V Freq=30MHz Freq=30MHz 0.3 D = 0.9 0.7 SINGLE PULSE 0.5 0.1 0.05 50V 40V FIGURE 5b, TRANSIENT THERMAL IMPEDANCE MODEL .0052 Dissipated Power (Watts) T J ( C) T C ( C) Z EXT are the external thermal impedances: Case to sink, sink to ambient, etc. Set to zero when modeling only the case to junction. .0408 .0981 .071 .0016 .0030 .0133 .0366 20 21 22 23 24 25 26 0 100 200 600 400 500 600 700 P OUT, OUTPUT POWER (WATTS PEP) Figure 7. GAIN versus P OUT 60V 50V Freq=30MHz 60V 60V 40V |