| データシートサーチシステム |
|
LSM6DSRTR データシート(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSRTR データシート(HTML) 97 Page - STMicroelectronics |
|
97 / 168 page ![]() 11.9 FSM_INT1_B (0Ch) INT1 pin control register (r/w). Each bit in this register enables a signal to be carried over INT1. The pin's output will supply the OR combination of the selected signals. Table 194. FSM_INT1_B register INT1_FSM16 INT1_FSM15 INT1_FSM14 INT1_FSM13 INT1_FSM12 INT1_FSM11 INT1_FSM10 INT1_FSM9 Table 195. FSM_INT1_B register description INT1_FSM16(1) Routing of FSM16 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM15(1) Routing of FSM15 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM14(1) Routing of FSM14 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM13(1) Routing of FSM13 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM12(1) Routing of FSM12 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM11(1) Routing of FSM11 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM10(1) Routing of FSM10 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM9(1) Routing of FSM9 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) 1. This bit is effective if the INT1_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1. LSM6DSR FSM_INT1_B (0Ch) DS11976 - Rev 2 page 97/168 |