| データシートサーチシステム |
|
LSM6DSRTR データシート(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSRTR データシート(HTML) 100 Page - STMicroelectronics |
|
100 / 168 page ![]() 11.12 FSM_INT2_B (10h) INT2 pin control register (r/w). Each bit in this register enables a signal to be carried over INT2. The pin's output will supply the OR combination of the selected signals. Table 200. FSM_INT2_B register INT2_FSM16 INT2_FSM15 INT2_FSM14 INT2_FSM13 INT2_FSM12 INT2_FSM11 INT2_FSM10 INT2_FSM9 Table 201. FSM_INT2_B register description INT2_FSM16(1) Routing of FSM16 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM15(1) Routing of FSM15 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM14(1) Routing of FSM14 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM13(1) Routing of FSM13 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM12(1) Routing of FSM12 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM11(1) Routing of FSM11 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT2_FSM10(1) Routing of FSM10 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM9(1) Routing of FSM9 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSR FSM_INT2_B (10h) DS11976 - Rev 2 page 100/168 |