データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD3986 データシート(PDF) 10 Page - STMicroelectronics

部品番号 LD3986
部品情報  DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3986 データシート(HTML) 10 Page - STMicroelectronics

Back Button LD3986 Datasheet HTML 4Page - STMicroelectronics LD3986 Datasheet HTML 5Page - STMicroelectronics LD3986 Datasheet HTML 6Page - STMicroelectronics LD3986 Datasheet HTML 7Page - STMicroelectronics LD3986 Datasheet HTML 8Page - STMicroelectronics LD3986 Datasheet HTML 9Page - STMicroelectronics LD3986 Datasheet HTML 10Page - STMicroelectronics LD3986 Datasheet HTML 11Page - STMicroelectronics LD3986 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LD3986 SERIES
10/12
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.585
0.65
0.715
23.0
25.6
28.1
A1
0.21
0.25
0.29
8.3
9.8
11.4
A2
0.40
15.7
b
0.265
0.315
0.365
10.4
12.4
14.4
D
1.521.571.6259.861.8
63.8
D1
1
39.4
E
1.521.571.6259.861.8
63.8
E1
1
39.4
e
0.45
0.5
0.55
17.7
19.7
20.7
f
0.285
11.2
ccc
0.080
3.1
Flip-Chip8 MECHANICAL DATA
7224720E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12