データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R5F572TFADFP データシート(PDF) 91 Page - Renesas Technology Corp

部品番号 R5F572TFADFP
部品情報  Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F572TFADFP データシート(HTML) 91 Page - Renesas Technology Corp

Back Button R5F572TFADFP Datasheet HTML 87Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 88Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 89Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 90Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 91Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 92Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 93Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 94Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 176 page
background image
R01DS0331EJ0100 Rev.1.00
Page 91 of 176
Feb 08, 2019
RX72T Group
4. I/O Registers
000A 0CA8h
CMPC1 Comparator Reference Voltage Select Register
CMPSEL1
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CACh
CMPC1 Comparator Output Monitor Register
CMPMON
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CB0h
CMPC1 Comparator External Output Enable Register
CMPIOC
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CC0h
CMPC2 Comparator Control Register
CMPCTL
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CC4h
CMPC2 Comparator Input Select Register
CMPSEL0
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CC8h
CMPC2 Comparator Reference Voltage Select Register
CMPSEL1
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CCCh
CMPC2 Comparator Output Monitor Register
CMPMON
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CD0h
CMPC2 Comparator External Output Enable Register
CMPIOC
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CE0h
CMPC3 Comparator Control Register
CMPCTL
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CE4h
CMPC3 Comparator Input Select Register
CMPSEL0
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CE8h
CMPC3 Comparator Reference Voltage Select Register
CMPSEL1
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CECh
CMPC3 Comparator Output Monitor Register
CMPMON
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0CF0h
CMPC3 Comparator External Output Enable Register
CMPIOC
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D00h
CMPC4 Comparator Control Register
CMPCTL
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D04h
CMPC4 Comparator Input Select Register
CMPSEL0
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D08h
CMPC4 Comparator Reference Voltage Select Register
CMPSEL1
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D0Ch
CMPC4 Comparator Output Monitor Register
CMPMON
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D10h
CMPC4 Comparator External Output Enable Register
CMPIOC
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D20h
CMPC5 Comparator Control Register
CMPCTL
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D24h
CMPC5 Comparator Input Select Register
CMPSEL0
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D28h
CMPC5 Comparator Reference Voltage Select Register
CMPSEL1
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D2Ch
CMPC5 Comparator Output Monitor Register
CMPMON
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000A 0D30h
CMPC5 Comparator External Output Enable Register
CMPIOC
8
8
1, 2 PCLKB
1, 2 ICLK
CMPC
000C 1200h
MTU3
Timer Control Register
TCR
8
8, 16, 32 4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1201h
MTU4
Timer Control Register
TCR
8
8
4 to 7 PCLKA
2 to 4 ICLKMTU3d
000C 1202h
MTU3
Timer Mode Register 1
TMDR1
8
8, 16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1203h
MTU4
Timer Mode Register 1
TMDR1
8
8
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1204h
MTU3
Timer I/O Control Register H
TIORH
8
8, 16, 32 4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1205h
MTU3
Timer I/O Control Register L
TIORL
8
8
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1206h
MTU4
Timer I/O Control Register H
TIORH
8
8, 16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1207h
MTU4
Timer I/O Control Register L
TIORL
8
8
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1208h
MTU3
Timer Interrupt Enable Register
TIER
8
8, 16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1209h
MTU4
Timer Interrupt Enable Register
TIER
8
8
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 120Ah
MTU
Timer Output Master Enable Register A
TOERA
8
8
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 120Dh
MTU
Timer Gate Control Register A
TGCRA
8
8
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 120Eh
MTU
Timer Output Control Register 1A
TOCR1A
8
8, 16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 120Fh
MTU
Timer Output Control Register 2A
TOCR2A
8
8
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1210h
MTU3
Timer Counter
TCNT
16
16, 32
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1212h
MTU4
Timer Counter
TCNT
16
16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1214h
MTU
Timer Cycle Data Register A
TCDRA
16
16, 32
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1216h
MTU
Timer Dead Time Data Register A
TDDRA
16
16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1218h
MTU3
Timer General Register A
TGRA
16
16, 32
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 121Ah
MTU3
Timer General Register B
TGRB
16
16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 121Ch
MTU4
Timer General Register A
TGRA
16
16, 32
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 121Eh
MTU4
Timer General Register B
TGRB
16
16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1220h
MTU
Timer Subcounter A
TCNTSA
16
16, 32
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1222h
MTU
Timer Cycle Buffer Register A
TCBRA
16
16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1224h
MTU3
Timer General Register C
TGRC
16
16, 32
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1226h
MTU3
Timer General Register D
TGRD
16
16
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
000C 1228h
MTU4
Timer General Register C
TGRC
16
16, 32
4 to 7 PCLKA
2 to 4 ICLK
MTU3d
Table 4.1
List of I/O Registers (Address Order) (36 / 54)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK ≥ PCLK ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com