データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R5F572TFADFP データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 R5F572TFADFP
部品情報  Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F572TFADFP データシート(HTML) 2 Page - Renesas Technology Corp

  R5F572TFADFP Datasheet HTML 1Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 2Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 3Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 4Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 5Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 6Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 7Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 8Page - Renesas Technology Corp R5F572TFADFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 176 page
background image
R01DS0331EJ0100 Rev.1.00
Page 2 of 176
Feb 08, 2019
RX72T Group
1. Overview
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 gives a comparison of the functions of products in different
packages.
Table 1.1 shows the outline of maximum specifications, and the number of peripheral module channels differs
depending on the pin number on the package and the code flash memory capacity. For details, see Table 1.2,
Comparison of Functions for Different Packages.
Table 1.1
Outline of Specifications (1/9)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 200 MHz
 32-bit RX CPU (RXv3)
 Minimum instruction execution time: One instruction per state (cycle of the system clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Ten 32-bit registers
Accumulator: Two 72-bit registers
 113 instructions
Standard provided instructions: 111
Basic instructions: 77
Single precision floating point instructions: 11
DSP instructions: 23
Instructions for register bank save function: 2
 Addressing modes: 11
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 × 32 → 64 bits
 On-chip divider: 32/32 → 32 bits
 Barrel shifter: 32 bits
FPU
 Single-precision (32-bit) floating-point number
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Register bank save
function
 Fast collective saving and restoration of the values of CPU registers
 16 save register banks
Memory
Code flash memory
 Capacity: 1 Mbyte, 512 Kbytes
 ROM cache: Operation of an 8-Kbyte instruction fetching cache can be enabled or
disabled (this is disabled by default).
While ROM cache operation is enabled:
- when the cache is hit, one-cycle access up to 200 MHz
- when the cache is missed:
one to two cycles if ICLK ≤ 120 MHz (bus wait: 0 cycles),
two to three cycles if ICLK > 120 MHz (bus wait: 1 cycle).
While ROM cache operation is disabled:
one cycle if ICLK ≤ 120 MHz (bus wait: 0 cycles),
two cycles if ICLK > 120 MHz (bus wait: 1 cycle).
 On-board programming: Five types
 Off-board programming (parallel programmer mode)
 The trusted memory (TM) function protects against the reading of programs from blocks
8 and 9.
Data flash memory
 Capacity: 32 Kbytes
 Programming/erasing: 100,000 times
Unique ID
 12-byte unique ID for the device
RAM
 Capacity: 128 Kbytes
 200 MHz No-wait access
 SED (single error detection)
RAM with ECC
 Capacity: 16 Kbytes
 00FF C000h to 00FF FFFFh (16 Kbytes)
 SEC-DED (single error correction/double error detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com