データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R5F572TFFDFP データシート(PDF) 21 Page - Renesas Technology Corp

部品番号 R5F572TFFDFP
部品情報  Maximum operating frequency: 200 MHz Capable of 1160 CoreMark in operation at 200 MHz
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F572TFFDFP データシート(HTML) 21 Page - Renesas Technology Corp

Back Button R5F572TFFDFP Datasheet HTML 17Page - Renesas Technology Corp R5F572TFFDFP Datasheet HTML 18Page - Renesas Technology Corp R5F572TFFDFP Datasheet HTML 19Page - Renesas Technology Corp R5F572TFFDFP Datasheet HTML 20Page - Renesas Technology Corp R5F572TFFDFP Datasheet HTML 21Page - Renesas Technology Corp R5F572TFFDFP Datasheet HTML 22Page - Renesas Technology Corp R5F572TFFDFP Datasheet HTML 23Page - Renesas Technology Corp R5F572TFFDFP Datasheet HTML 24Page - Renesas Technology Corp R5F572TFFDFP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 176 page
background image
R01DS0331EJ0100 Rev.1.00
Page 21 of 176
Feb 08, 2019
RX72T Group
1. Overview
12-bit A/D converter
AN000 to AN002,
AN100 to AN102
Input
Input pins for the analog signals to be processed by the A/D
converter. (Positive side input at PGA pseudo-differential input.)
AN003 to AN007,
AN103 to AN107,
AN200 to AN211,
AN216 to AN217
Input
Input pins for the analog signals to be processed by the A/D
converter.
ADST0, ADST1, ADST2
Output
Output pins for A/D conversion status.
ADTRG0#, ADTRG1#,
ADTRG2#
Input
Input pins for the external trigger signals that start the A/D
conversion.
PGAVSS0, PGAVSS1
Input
A common reference ground pin for PGA pseudo-differential
input in the unit
12-bit D/A converter
DA0, DA1
Output
Output pins for the analog signals to be processed by the D/A
converter
Comparator C
COMP0 to COMP5
Output
Comparator detection result output pins.
CVREFC0, CVREFC1
Input
Analog reference voltage supply pins for comparator C.
CMPCnm
Input
Analog input pin for CMPCnm (n = 0 to 5, m = 0 to 3)
Analog power supply
AVCC0
—
Analog voltage supply pin for 12-bit A/D converter unit 0.
Connect the AVCC0 pin to AVCC1 or AVCC2 when 12-bit A/D
converter unit 0 is not used.
AVSS0
—
Analog ground pin for 12-bit A/D converter unit 0. Connect the
AVSS0 pin to AVSS1 or AVSS2 when 12-bit A/D converter unit
0 is not used.
AVCC1
—
Analog voltage supply pin for 12-bit A/D converter unit 1.
Connect this pin to AVCC0 when not using the 12-bit A/D
converter 1 but using the 12-bit A/D converter 0.
Connect this pin to AVCC2 when not using the 12-bit A/D
converter 0 and the 12-bit A/D converter 1.
AVSS1
—
Analog ground pin for 12-bit A/D converter unit 1.
Connect this pin to AVSS0 when not using the 12-bit A/D
converter 1 but using the 12-bit A/D converter 0.
Connect this pin to AVSS2 when not using the 12-bit A/D
converter 0 and the 12-bit A/D converter 1.
AVCC2
—
Analog voltage supply pin for the 12-bit A/D converter unit 2,
reference voltage supply pin for the 12-bit D/A converter, analog
voltage supply pin for the comparator C, and analog voltage
supply pin for the temperature sensor.
Connect this pin to either of AVCC0 or AVCC1 when not using
the 12-bit A/D converter unit 2, 12-bit D/A converter, comparator
C, and temperature sensor.
AVSS2
—
Analog ground pin for the 12-bit A/D converter unit 2, reference
ground pin for the D/A converter, analog ground pin for the
comparator C, and analog ground pin for the temperature
sensor.
Connect this pin to either of AVSS0 or AVSS1 when not using
the 12-bit A/D converter unit 2, 12-bit D/A converter, comparator
C, and temperature sensor.
Table 1.4
Pin Functions (5/6)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com