| データシートサーチシステム |
|
DP600 データシート(PDF) 4 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
DP600 データシート(HTML) 4 Page - 3M Electronics |
|
4 / 12 page ![]() 3M™Scotch-Weld™ Urethane AdhesivesDP600 Self-Leveling and DP600NS 4 Note: The following technical information and data should be considered representative or typical only and should not be used for specification purposes. Environmental Resistance, Aluminum (Etched), Measured by Overlap Shear Tested @ 73°F (23°C) (PSI) (ASTM D1002) Environment Condition DP600 Self-Leveling DP600NS Room Temperature 73°F(23°C)/50%RH, 30 days 100% 100% Water Vapor 150°F (66°C)/ 80% RH, 30 days 100% 125% Water Soak 73°F (23°C) , 30 days 70% 50% IPA 73°F (23°C), 30 days immersion 70% 75% Gasoline 73°F (23°C), 30 days immersion 75% 100% Prepare the Concrete for the Vertical Repair and/or Custom Tap 1. Remove all loose aggregate, dust, old caulks, grease and waterproofing compounds from repair surface. (Grind away any absorbed oils to ensure a clean surface.) 2. Clean repair surface with a bristle brush and use moisture and oil-free compressed air to blow out debris. 3. Mask off area surrounding repair. Repairing Concrete Damage from Corrosion 1. Apply a pre-coat of cement corrosion inhibitor or protectant to excessively corroded areas. 2. Allow pre-coat to dry thoroughly. 3. Follow the procedure for general concrete repairs. Typical Adhesive Performance Characteristics (continued) Installation Instructions for Concrete Repair |