| データシートサーチシステム |
|
DP600 データシート(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
DP600 データシート(HTML) 3 Page - 3M Electronics |
|
3 / 12 page ![]() 3M™Scotch-Weld™ Urethane AdhesivesDP600 Self-Leveling and DP600NS 3 Note: The following technical information and data should be considered representative or typical only and should not be used for specification purposes. Aluminum, Overlap Shear, at Temperature (PSI) (ASTM D1002) Temperature DP600 Self-Leveling DP600NS -40°F (-40°C) 2800 2550 73°F (23°C) 2300 2300 180°F (82°C) (15 min.) 1 700 670 1Represents time in test chamber oven before test. Overlap Shear, Tested @ 73°F (23°C) (PSI) (ASTM D1002) Product DP600 Self-Leveling DP600NS Aluminum MEK/abrade/MEK 2300 2300 Cold Rolled Steel MEK/abrade/MEK 2250 1190 Nylon IPA/abrade/IPA 300 300 Polycarbonate IPA/abrade/IPA 300 480 Acrylic IPA/abrade/IPA 430 470 SMC IPA/abrade/IPA 340 370 Rigid PVC IPA/abrade/IPA 430 450 ABS IPA/abrade/IPA 500 500 HIPS IPA/abrade/IPA 320 380 See Surface Preparation Section for additional information. Aluminum (Etched), Floating Roller Peel, Tested @ 73°F (23°C) (PIW) (ASTM D3167) Temperature DP600 Self-Leveling DP600NS 73°F (23°C) 20 9 Typical Adhesive Performance Characteristics |