データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L031C4P6SDTR データシート(PDF) 40 Page - STMicroelectronics

部品番号 STM32L031C4P6SDTR
部品情報  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4P6SDTR データシート(HTML) 40 Page - STMicroelectronics

Back Button STM32L031C4P6SDTR Datasheet HTML 36Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 37Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 38Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 39Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 40Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 41Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 42Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 43Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
Pin descriptions
STM32L031x4/6
40/126
DS10668 Rev 6
7B4
7
7
7
7
11
11
PA1
I/O
FT
-
EVENTOUT,
LPTIM1_IN2,
TIM2_CH2,
I2C1_SMBA,
USART2_RTS/
USART2_DE,
TIM21_ETR
COMP1_INP,
ADC_IN1
8D4
8
8
8
8
12
12
PA2
I/O
TC
-
TIM21_CH1,
TIM2_CH3,
USART2_TX,
LPUART1_TX,
COMP2_OUT
COMP2_INM6,
ADC_IN2,
RTC_TAMP3/RTC_TS
/RTC_OUT/WKUP3
9E4
9
9
9
9
13
13
PA3
I/O
FT
-
TIM21_CH2,
TIM2_CH4,
USART2_RX,
LPUART1_RX
COMP2_INP,
ADC_IN3
10 B3
10
10 10 10
14
14
PA4
I/O
TC
-
SPI1_NSS,
LPTIM1_IN1,
USART2_CK,
TIM22_ETR
COMP1_INM4,
COMP2_INM4,
ADC_IN4
11 D3
11
11
11
11
15
15
PA5
I/O
TC
-
SPI1_SCK,
LPTIM1_IN2,
TIM2_ETR,
TIM2_CH1
COMP1_INM5,
COMP2_INM5,
ADC_IN5
12 E3
12
12 12 12
16
16
PA6
I/O
FT
-
SPI1_MISO,
LPTIM1_ETR,
LPUART1_CTS,
TIM22_CH1,
EVENTOUT,
COMP1_OUT
ADC_IN6
Table 15. Pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin
type
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More