データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L031C4P6SDTR データシート(PDF) 43 Page - STMicroelectronics

部品番号 STM32L031C4P6SDTR
部品情報  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4P6SDTR データシート(HTML) 43 Page - STMicroelectronics

Back Button STM32L031C4P6SDTR Datasheet HTML 39Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 40Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 41Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 42Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 43Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 44Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 45Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 46Page - STMicroelectronics STM32L031C4P6SDTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 126 page
background image
DS10668 Rev 6
43/126
STM32L031x4/6
Pin descriptions
46
-
-
-
-
22 22
33
33
PA12
I/O
FT
-
SPI1_MOSI,
EVENTOUT,
USART2_RTS/
USART2_DE,
COMP2_OUT
-
19 A1
21
21 23 23
34
34
PA13
I/O
FT
-
SWDIO,
LPTIM1_ETR,
LPUART1_RX
-
-
-
-
-
-
-
35
35
VSS
S
-
-
-
-
-D1
-
-
-
-
36
36
VDD
S
-
-
-
-
20 A2
22
22 24 24
37
37
PA14
I/O
FT
-
SWCLK,
LPTIM1_OUT,
I2C1_SMBA,
USART2_TX,
LPUART1_TX
-
-
-
23
23 25 25
38
38
PA15
I/O
FT
-
SPI1_NSS,
TIM2_ETR,
EVENTOUT,
USART2_RX,
TIM2_CH1
--
-
B2
24
24 26 263939
PB3
I/O
FT
-
SPI1_SCK,
TIM2_CH2,
EVENTOUT
COMP2_INN
-
-
-
25 27 274040
PB4
I/O
FT
-
SPI1_MISO,
EVENTOUT,
TIM22_CH1
COMP2_INP
Table 15. Pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin
type
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More