| データシートサーチシステム |
|
STM32WB5MMG データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB5MMG データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 31 page ![]() 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32WB5MMG module. This document should be read in conjunction with the Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution (DS11929) and reference manual (RM0434). The reference manual is available from the STMicroelectronics website at www.st.com. For information on the Arm® Cortex® cores, refer to the Cortex® Technical Reference Manual, available from the www.arm.com website Note: Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. STM32WB5MMG Introduction DS13252 - Rev 1 page 2/31 |