データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32WB5MMG データシート(PDF) 3 Page - STMicroelectronics

部品番号 STM32WB5MMG
部品情報  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG データシート(HTML) 3 Page - STMicroelectronics

  STM32WB5MMG Datasheet HTML 1Page - STMicroelectronics STM32WB5MMG Datasheet HTML 2Page - STMicroelectronics STM32WB5MMG Datasheet HTML 3Page - STMicroelectronics STM32WB5MMG Datasheet HTML 4Page - STMicroelectronics STM32WB5MMG Datasheet HTML 5Page - STMicroelectronics STM32WB5MMG Datasheet HTML 6Page - STMicroelectronics STM32WB5MMG Datasheet HTML 7Page - STMicroelectronics STM32WB5MMG Datasheet HTML 8Page - STMicroelectronics STM32WB5MMG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
Description
The STM32WB5MMG is an ultra-low-power and small form factor certified 2.4GHz wireless module. It
supports Bluetooth® Low Energy 5.0, Zigbee® 3.0, OpenThread, dynamic and static concurrent modes, and
802.15.4 proprietary protocols. Based on STMicroelectronics STM32WB55VGY wireless microcontroller, the
STM32WB5MMG provides best-in-class RF performance thanks to its good receiver sensitivity and a high
output power signal. Its low-power features enable extended battery life time, small coin-cell batteries or energy
harvesting.
The STM32WB5MMG requires no RF expertise and is the best way to speed-up any development and to reduce
associated costs. The module is completely protocol stack royalty-free.
Module overview
The module is an SiP-LGA86 package (system in package land grid array) that integrates the proven
STM32WB55VGY MCU with several external components. The package includes:
•
LSE crystal
•
HSE crystal
•
Passive components for SMPS
•
Antenna matching and antenna
•
IPD for RF matching and harmonics rejection
Figure 1. STM32WB5MMG module block diagram
Communication
interface
STM32WB55VGY
1MB Flash
256KB RAM
Antenna
matching
STM32WB5MMG
Description
DS13252 - Rev 1
page 3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31