データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L552VCU6PXXX データシート(PDF) 128 Page - STMicroelectronics

部品番号 STM32L552VCU6PXXX
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX データシート(HTML) 128 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 124Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 125Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 126Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 127Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 128Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 129Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 130Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 131Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 340 page
background image
Port
G
PG0
-
-
-
-
-
-
-
-
PG1
-
-
-
-
-
-
-
-
PG2
-
-
-
-
-
SPI1_SCK
-
-
PG3
-
-
-
-
-
SPI1_MISO
-
-
PG4
-
-
-
-
-
SPI1_MOSI
-
-
PG5
-
-
-
-
-
SPI1_NSS
-
-
PG6
-
-
-
OCTOSPI1_DQS
I2C3_SMBA
-
-
-
PG7
-
-
-
SAI1_CK1
I2C3_SCL
-
DFSDM1_CKO
UT
-
PG8
-
-
-
-
I2C3_SDA
-
-
-
PG9
-
-
-
-
-
-
SPI3_SCK
USART1_TX
PG1
0
-
LPTIM1_IN1
-
-
-
-
SPI3_MISO
USART1_RX
PG11
-
LPTIM1_IN2
-
OCTOSPI1_IO5
-
-
SPI3_MOSI
USART1_CTS_
NSS
PG1
2
-
LPTIM1_ETR
-
-
-
-
SPI3_NSS
USART1_RTS_
DE
PG1
3
-
-
-
-
I2C1_SDA
-
-
USART1_CK
PG1
4
-
-
-
-
I2C1_SCL
-
-
-
PG1
5
-
LPTIM1_OUT
-
-
I2C1_SMBA
-
-
-
Table 22. Alternate function AF0 to AF7(1) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS_AF
TIM1/2/5/8/L
PTIM1
TIM1/2/3/4/5/
LPTIM3
SPI2/SAI1/I2C4/
USART2/TIM1/8/
OCTOSPI1
I2C1/2/3/4
SPI1/2/3/I2C4/
DFSDM1/
OCTOSPI1
SPI3/I2C3/DFS
DM1/COMP1/
USART1/2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More