データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L552VCU6PXXX データシート(PDF) 131 Page - STMicroelectronics

部品番号 STM32L552VCU6PXXX
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX データシート(HTML) 131 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 127Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 128Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 129Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 130Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 131Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 132Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 133Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 134Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 340 page
background image
Port
B
PB0
-
-
OCTOSPI1_IO1
-
COMP1_OUT
SAI1_EXTCLK
-
EVENTOUT
PB1
LPUART1_RTS_
DE
-
OCTOSPI1_IO0
-
-
-
LPTIM2_IN1
EVENTOUT
PB2
-
-
OCTOSPI1_DQS
UCPD1_FRSTX1
-
-
-
EVENTOUT
PB3
-
-
CRS_SYNC
-
-
SAI1_SCK_B
-
EVENTOUT
PB4
UART5_RTS_D
E
TSC_G2_
IO1
-
-
-
SAI1_MCLK_B
TIM17_BKIN
EVENTOUT
PB5
UART5_CTS_N
SS
TSC_G2_
IO2
-
-
COMP2_OUT
SAI1_SD_B
TIM16_BKIN
EVENTOUT
PB6
-
TSC_G2_
IO3
-
-
TIM8_BKIN2
SAI1_FS_B
TIM16_CH1N
EVENTOUT
PB7
UART4_CTS_N
SS
TSC_G2_
IO4
-
-
FMC_NL
TIM8_BKIN
TIM17_CH1N
EVENTOUT
PB8
SDMMC1_CKIN
FDCAN1_
RX
-
-
SDMMC1_D4
SAI1_MCLK_A
TIM16_CH1
EVENTOUT
PB9
SDMMC1_CDIR
FDCAN1_
TX
-
-
SDMMC1_D5
SAI1_FS_A
TIM17_CH1
EVENTOUT
PB10
LPUART1_RX
TSC_SY
NC
OCTOSPI1_CLK
-
COMP1_OUT
SAI1_SCK_A
-
EVENTOUT
PB11
LPUART1_TX
-
OCTOSPI1_NCS
-
COMP2_OUT
-
-
EVENTOUT
PB12
LPUART1_RTS_
DE
TSC_G1_
IO1
OCTOSPI1_NCLK
-
-
SAI2_FS_A
TIM15_BKIN
EVENTOUT
PB13
LPUART1_CTS
_NSS
TSC_G1_
IO2
-
UCPD1_FRSTX2
-
SAI2_SCK_A
TIM15_CH1N
EVENTOUT
PB14
-
TSC_G1_
IO3
-
-
-
SAI2_MCLK_A
TIM15_CH1
EVENTOUT
PB15
-
-
-
-
-
SAI2_SD_A
TIM15_CH2
EVENTOUT
Table 23. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
UART4/5/LPUA
RT1/SDMMC1
FDCAN1/
TSC
USB/OCTOSPI1
UCPD1
SDMMC1/COMP1
/2/TIM1/8/FMC
SAI1/2/TIM8
TIM2/8/15/16/17/
LPTIM2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More