データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM6421 データシート(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM6421
部品情報  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM6421 データシート(HTML) 59 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 55Page - Texas Instruments AM6421 Datasheet HTML 56Page - Texas Instruments AM6421 Datasheet HTML 57Page - Texas Instruments AM6421 Datasheet HTML 58Page - Texas Instruments AM6421 Datasheet HTML 59Page - Texas Instruments AM6421 Datasheet HTML 60Page - Texas Instruments AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 237 page
background image
Table 6-4. GPIO0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
GPIO0_24
IO
General Purpose Input/Output
T17
GPIO0_25
IO
General Purpose Input/Output
R16
GPIO0_26
IO
General Purpose Input/Output
W20
GPIO0_27
IO
General Purpose Input/Output
W21
GPIO0_28
IO
General Purpose Input/Output
V18
GPIO0_29
IO
General Purpose Input/Output
Y21
GPIO0_30
IO
General Purpose Input/Output
Y20
GPIO0_31
IO
General Purpose Input/Output
R17
GPIO0_32
IO
General Purpose Input/Output
P16
GPIO0_33
IO
General Purpose Input/Output
R18
GPIO0_34
IO
General Purpose Input/Output
T21
GPIO0_35
IO
General Purpose Input/Output
P17
GPIO0_36
IO
General Purpose Input/Output
T19
GPIO0_37
IO
General Purpose Input/Output
W19
GPIO0_38
IO
General Purpose Input/Output
Y18
GPIO0_39
IO
General Purpose Input/Output
N16
GPIO0_40
IO
General Purpose Input/Output
N17
GPIO0_41
IO
General Purpose Input/Output
R19
GPIO0_42
IO
General Purpose Input/Output
R20
GPIO0_43
IO
General Purpose Input/Output
P19
GPIO0_44
IO
General Purpose Input/Output
R21
GPIO0_45
IO
General Purpose Input/Output
Y7
GPIO0_46
IO
General Purpose Input/Output
U8
GPIO0_47
IO
General Purpose Input/Output
W8
GPIO0_48
IO
General Purpose Input/Output
V8
GPIO0_49
IO
General Purpose Input/Output
Y8
GPIO0_50
IO
General Purpose Input/Output
V13
GPIO0_51
IO
General Purpose Input/Output
AA7
GPIO0_52
IO
General Purpose Input/Output
U13
GPIO0_53
IO
General Purpose Input/Output
W13
GPIO0_54
IO
General Purpose Input/Output
U15
GPIO0_55
IO
General Purpose Input/Output
U14
GPIO0_56
IO
General Purpose Input/Output
AA8
GPIO0_57
IO
General Purpose Input/Output
U9
GPIO0_58
IO
General Purpose Input/Output
W9
GPIO0_59
IO
General Purpose Input/Output
AA9
GPIO0_60
IO
General Purpose Input/Output
Y9
GPIO0_61
IO
General Purpose Input/Output
V9
GPIO0_62
IO
General Purpose Input/Output
U7
GPIO0_63
IO
General Purpose Input/Output
V7
GPIO0_64
IO
General Purpose Input/Output
W7
GPIO0_65
IO
General Purpose Input/Output
W11
GPIO0_66
IO
General Purpose Input/Output
V11
GPIO0_67
IO
General Purpose Input/Output
AA12
GPIO0_68
IO
General Purpose Input/Output
Y12
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More