データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM6421 データシート(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM6421
部品情報  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM6421 データシート(HTML) 61 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 57Page - Texas Instruments AM6421 Datasheet HTML 58Page - Texas Instruments AM6421 Datasheet HTML 59Page - Texas Instruments AM6421 Datasheet HTML 60Page - Texas Instruments AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments AM6421 Datasheet HTML 64Page - Texas Instruments AM6421 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 237 page
background image
Table 6-5. GPIO1 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
GPIO1_25
IO
General Purpose Input/Output
P4
GPIO1_26
IO
General Purpose Input/Output
R5
GPIO1_27
IO
General Purpose Input/Output
W5
GPIO1_28
IO
General Purpose Input/Output
R1
GPIO1_29
IO
General Purpose Input/Output
Y5
GPIO1_30
IO
General Purpose Input/Output
V6
GPIO1_31
IO
General Purpose Input/Output
W4
GPIO1_32
IO
General Purpose Input/Output
Y4
GPIO1_33
IO
General Purpose Input/Output
T6
GPIO1_34
IO
General Purpose Input/Output
U6
GPIO1_35
IO
General Purpose Input/Output
U5
GPIO1_36
IO
General Purpose Input/Output
AA4
GPIO1_37
IO
General Purpose Input/Output
V5
GPIO1_38
IO
General Purpose Input/Output
P5
GPIO1_39
IO
General Purpose Input/Output
R2
GPIO1_40
IO
General Purpose Input/Output
P2
GPIO1_41
IO
General Purpose Input/Output
P3
GPIO1_42
IO
General Purpose Input/Output
D12
GPIO1_43
IO
General Purpose Input/Output
C13
GPIO1_44
IO
General Purpose Input/Output
D13
GPIO1_45
IO
General Purpose Input/Output
A13
GPIO1_46
IO
General Purpose Input/Output
A14
GPIO1_47
IO
General Purpose Input/Output
B14
GPIO1_48
IO
General Purpose Input/Output
D14
GPIO1_49
IO
General Purpose Input/Output
C14
GPIO1_50
IO
General Purpose Input/Output
B15
GPIO1_51
IO
General Purpose Input/Output
A15
GPIO1_52
IO
General Purpose Input/Output
D15
GPIO1_53
IO
General Purpose Input/Output
C16
GPIO1_54
IO
General Purpose Input/Output
B16
GPIO1_55
IO
General Purpose Input/Output
A16
GPIO1_56
IO
General Purpose Input/Output
E15
GPIO1_57
IO
General Purpose Input/Output
E14
GPIO1_58
IO
General Purpose Input/Output
D16
GPIO1_59
IO
General Purpose Input/Output
E16
GPIO1_60
IO
General Purpose Input/Output
A17
GPIO1_61
IO
General Purpose Input/Output
B17
GPIO1_62
IO
General Purpose Input/Output
C17
GPIO1_63
IO
General Purpose Input/Output
D17
GPIO1_64
IO
General Purpose Input/Output
A18
GPIO1_65
IO
General Purpose Input/Output
B18
GPIO1_66
IO
General Purpose Input/Output
C18
GPIO1_67
IO
General Purpose Input/Output
B19
GPIO1_68
IO
General Purpose Input/Output
D18
GPIO1_69
IO
General Purpose Input/Output
A19
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More