| データシートサーチシステム |
|
ATM90E32AS-AU-R データシート(PDF) 28 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATM90E32AS-AU-R データシート(HTML) 28 Page - ATMEL Corporation |
|
28 / 84 page ![]() M90E32AS [Datasheet] Atmel-46003B-SE-M90E32AS-Datasheet_02122015 28 3.9.1 GAIN BASED COMPENSATION The channel gain can be tuned automatically according to measured temperature and current RMS. Here Log(x) = Log2(x)*16, e.g.: Log(2) = 16, Log(16) = 64 • Gain0 is the calibrated Gain at nominal condition, • GainIrms is the gain adjustment per Irms change (8 bit) • Irms_ref is the reference current RMS • GainIrms_offset is the offset for segment calibration • UGain0 is the calibrated Gain at nominal temperature • UGainT is the gain adjustment per temperature degree change, • T0 is the nominal temperature, If (Irms > Irms0) GainIrms = GainIrms0, Irms_ref = Irms0, GainIrms_offset = 0, If (Irms1<Irms < Irms0) GainIrms = GainIrms1, Irms_ref = Irms0, GainIrms_offset = 0, If (Irms < Irms1) GainIrms = GainIrms2, Irms_ref = Irms1 Figure-15 Segment Gain Compensation + ffset GainIrms_o + )) Irms_ref Irms (Log( * GainIrms 1 * Gain0 = in Channel_Ga 2 19 + 2 20 T0) - (T * UGainT 1 * UGain0 = in_Voltage Channel_Ga 2 19 )) Irms0 Irms1 (Log( * GainIrms1 = ffset GainIrms_o PhiIrms0 PhiIrms1 PhiIrms2 Irms0 Irms1 Log(Irms) Delta-Gain Delta-Phi Delta-Gain Delta-Phi GainIrms0 GainIrms1 GainIrms2 |