| データシートサーチシステム |
|
ATM90E32AS-AU-R データシート(PDF) 42 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATM90E32AS-AU-R データシート(HTML) 42 Page - ATMEL Corporation |
|
42 / 84 page ![]() M90E32AS [Datasheet] Atmel-46003B-SE-M90E32AS-Datasheet_02122015 42 ChannelMapI Current Channel Mapping Configuration Address: 01H Type: Read/Write Default Value: 0210H Bit Name Description 15:11 - Reserved. 10:8 IC_SRC ADC Input source for phase C current channel 7- Reserved. 6:4 IB_SRC ADC Input source for phase B current channel 3- Reserved. 2:0 IA_SRC ADC Input source for phase A current channel Code ADC Input Source 000 I0 001 I1 010 I2 011 Fixed-0 100 U0 101 U1 110 U2 111 Fixed-0 Code ADC Input Source 000 I0 001 I1 010 I2 011 Fixed-0 100 U0 101 U1 110 U2 111 Fixed-0 Code ADC Input Source 000 I0 001 I1 010 I2 011 Fixed-0 100 U0 101 U1 110 U2 111 Fixed-0 |