| データシートサーチシステム |
|
VSC8221 データシート(PDF) 56 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8221 データシート(HTML) 56 Page - Microsemi Corporation |
|
56 / 138 page ![]() VSC8221 Data Sheet VMDS-10106 Revision 4.1 December 2006 56 of 56 56 18.3 Procedure for Selecting CMODE Pin Pull-Up/Pull-Down Resistor Values 1. Using the descriptions in Table 27 column D (“Description”), choose the desired PHY operating condition parameter values from column C (“Value”). 2. Using Table 27 Column B (“CMODE Pin Name and Bit Position”) and the chosen PHY operating condition parameter values, enter the value of each CMODE bit in Table 26: “CMODE Bit to PHY Operating Condition Parameter Mapping”. 3. Choose the value of each CMODE pull-up or pull-down resistor from Table 25: “CMODE Pull-up/Pull-down Resistor Values” based on the CMODE Bit values in Table 26. |