| データシートサーチシステム |
|
VSC8221 データシート(PDF) 7 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8221 データシート(HTML) 7 Page - Microsemi Corporation |
|
7 / 138 page ![]() VSC8221 Data Sheet VMDS-10106 Revision 4.1 December 2006 7 of 10 10 12.3 SMi interrupt ....................................................................................................................................... 40 13 LED interface ................................................................................................................................................................. 41 13.1 Serial LED Output ............................................................................................................................... 43 14 Test Mode interface (JTAG) ......................................................................................................................................... 44 14.1 Supported instructions and instruction Codes .................................................................................... 45 14.2 Boundary-Scan Register Cell Order ................................................................................................... 46 15 Enhanced ActiPHY Power Management ................................................................................................................... 47 15.1 Operation in Enhanced ActiPHY Mode .............................................................................................. 47 15.2 Low-Power State ................................................................................................................................ 48 15.3 LP Wake-Up State .............................................................................................................................. 48 15.4 Normal Operating State ...................................................................................................................... 48 16 Ethernet in-line Powered Device Support ................................................................................................................ 49 16.1 Cisco in-Line Powered Device Detection Mode ................................................................................. 49 16.2 in-Line Power Ethernet Switch Diagram ............................................................................................. 49 16.3 in-Line Powered Device Detection (Cisco Method) ............................................................................ 50 16.4 iEEE 802.3af (DTE Power via MDi) .................................................................................................... 50 17 Advanced Test Modes .................................................................................................................................................. 51 17.1 Ethernet Packet Generator (EPG) ...................................................................................................... 51 17.2 CRC Counter ...................................................................................................................................... 51 17.3 Far-End Loopback .............................................................................................................................. 51 17.4 Near-End Loopback ............................................................................................................................ 52 17.5 Connector Loopback .......................................................................................................................... 52 18 Hardware Configuration Using CMODE pins ........................................................................................................... 53 18.1 Setting the CMODE Configuration Bits ............................................................................................... 53 18.2 CMODE Bit Descriptions .................................................................................................................... 54 18.3 Procedure for Selecting CMODE Pin Pull-Up/Pull-Down Resistor Values ......................................... 56 19 EEPROM interface ........................................................................................................................................................ 57 19.1 Programming Multiple VSC8221s Using the Same EEPROM ........................................................... 57 20 PHY Startup and initialization ..................................................................................................................................... 61 21 PHY Operating Modes .................................................................................................................................................. 62 22 PHY Register Set Conventions ................................................................................................................................... 63 22.1 PHY Register Set Structure ................................................................................................................ 63 22.2 PHY Register Set Nomenclature ........................................................................................................ 64 22.3 PHY Register Bit types ....................................................................................................................... 64 |