| データシートサーチシステム |
|
ES9038PRO データシート(PDF) 23 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9038PRO データシート(HTML) 23 Page - ESS Technology,Inc |
|
23 / 58 page ![]() March 5, 2019 CONFIDENTIAL ADVANCE INFORMATION v3.6 ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC 23 ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643- 8800 • Fax (408) 643-8801 4’d 13 gpio1_cfg and gpio2_cfg • ADC Input gpio3_cfg and gpio4_cfg • Reserved Input • gpio1_cfg: GPIO1 becomes ADC2 input • gpio2_cfg: GPIO2 becomes ADC1 input 4’d 14 Soft Start Complete Output Output is high when the DAC output is ramped to ground. The DAC can be ramped to ground via an automute condition when appropriately programmed, or via register 14. 4’d 15 Output 1’b1 Output Output is forced high |