データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES9038PRO データシート(PDF) 34 Page - ESS Technology,Inc

部品番号 ES9038PRO
部品情報  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ESS [ESS Technology,Inc]
ホームページ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038PRO データシート(HTML) 34 Page - ESS Technology,Inc

Back Button ES9038PRO Datasheet HTML 30Page - ESS Technology,Inc ES9038PRO Datasheet HTML 31Page - ESS Technology,Inc ES9038PRO Datasheet HTML 32Page - ESS Technology,Inc ES9038PRO Datasheet HTML 33Page - ESS Technology,Inc ES9038PRO Datasheet HTML 34Page - ESS Technology,Inc ES9038PRO Datasheet HTML 35Page - ESS Technology,Inc ES9038PRO Datasheet HTML 36Page - ESS Technology,Inc ES9038PRO Datasheet HTML 37Page - ESS Technology,Inc ES9038PRO Datasheet HTML 38Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
34
Register 42-45: Programmable NCO
Bits
[31:0]
Mnemonic
nco_num
Default
32’d0
Bit
Mnemonic
Description
[31:0]
nco_num
An unsigned 32-bit quantity that provides the ratio between MCLK and
DATA_CLK. This value can be used to generate arbitrary DATA_CLK
frequencies in master mode. A value of 0 disables this operating mode.
Note: Master mode must still be enabled for the Sabre to drive the
DATA_CLK and DATA1 pins. You must also select either serial mode or
DSD mode in the input_select register to determine whether DATA_CLK
should be driven alone (DSD mode) or both DATA_CLK and DATA1
should be driven (serial mode).
32’d0: disables NCO mode (default)
32’dX: enables NCO mode
Note: NCO is determined by the following equation
FSR =
(nco_num ∗ MCLK)
232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58