| データシートサーチシステム |
|
ADBMS1818ASWZ-R7 データシート(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADBMS1818ASWZ-R7 データシート(HTML) 38 Page - Analog Devices |
|
38 / 89 page ![]() Data Sheet ADBMS1818 THEORY OF OPERATION analog.com Rev. 0 | 38 of 89 Table 36. Write Codes for ICOMn, Bits[3:0] and FCOMn, Bits[3:0] on SPI Master Control Bits Code Action Description ICOMn, Bits[3:0] 1000 CSBM low Generates a CSBM low signal on SPI port (GPIO3) 1010 CSBM falling edge Drives CSBM (GPIO3) high, then low 1001 CSBM high Generates a CSBM high signal on SPI port (GPIO3) 1111 No transmit Releases the SPI port and ignores the rest of the data FCOMn, Bits[3:0] X000 CSBM low Holds CSBM low at the end of byte transmission 1001 CSBM high Transitions CSBM high at the end of byte transmission |