データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADBMS1818ASWZ-R7 データシート(PDF) 12 Page - Analog Devices

部品番号 ADBMS1818ASWZ-R7
部品情報  18-Cell Battery Monitor with Daisy Chain Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 データシート(HTML) 12 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 8Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 9Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 10Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 11Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 12Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 13Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 14Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 15Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
Data Sheet
ADBMS1818
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 12 of 89
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
58
ICMP
Isolated Interface Comparator Voltage Threshold Set. Tie ICMP to the resistor divider between IBIAS and V– to set the voltage
threshold of the isoSPI receiver comparators. The comparator thresholds are set to half the voltage on the ICMP pin.
59, 60
V–
Negative Supply Pins. The V– pins must be shorted together, external to the IC.
61, 62
IMA, IPA
Isolated 2-Wire Serial Interface Port A. IMA (negative) and IPA (positive) are a differential input/output pair.
63, 64
IMB, IPB
Isolated 2-Wire Serial Interface Port B. IMB (negative) and IPB (positive) are a differential input/output pair.
Exposed Pad
V–. The exposed pad must be soldered to the PCB.
Table 13. Serial Port Pins
Port
ISOMD = VREG
ISOMD = V–
Port B
IPB
IPB
(Pin 57, Pin 58, Pin 63, and Pin 64)
IMB
IMB
ICMP
ICMP
IBIAS
IBIAS
Port A
NC
SDO
(Pin 53, Pin 54, Pin 61, and Pin 62)
NC
SDI
IPA
SCK
IMA
CSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89