データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SGP40-D-R4 データシート(PDF) 14 Page - Sensirion AG Switzerland

部品番号 SGP40-D-R4
部品情報  Indoor Air Quality Sensor for VOC Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SENSIRION [Sensirion AG Switzerland]
ホームページ  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP40-D-R4 データシート(HTML) 14 Page - Sensirion AG Switzerland

Back Button SGP40-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 13Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 14Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 15Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 16Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 17Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 18Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.sensirion.com
Version 1.0 – July 2020 – D1
14/19
Byte number
Description
Value
0, 1
two bytes
0xD4 00: all tests passed successfully
0x4B 00: one or more tests have failed
2
CRC byte for bytes 0, 1
–
Table 13 Returned values by the I2C built-in self-test command.
Return to Idle Mode
Command
Command hex. code
Description
sgp40_heater_off
0x36 15
This command turns the hotplate off and stops the measurement.
Subsequently, the sensor enters the idle mode.
Table 14 Description of the I2C heater off command.
Soft Reset
Command
Command hex. code
Description
soft_reset
0x00 06
This command is a general call resetting all devices connected to
the same I2C bus. The first byte refers to the general call address
and the second byte refers to the reset command. After calling
this command, the SGP40 will restart entering the idle mode.
Table 15 Description of the I2C general soft reset command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19