| データシートサーチシステム |
|
SGP40-D-R4 データシート(PDF) 17 Page - Sensirion AG Switzerland |
|
|
|||||||||||||||||||||||||||||
SGP40-D-R4 データシート(HTML) 17 Page - Sensirion AG Switzerland |
|
17 / 19 page ![]() www.sensirion.com Version 1.0 – July 2020 – D1 17/19 6 Ordering Information Use the part names and product numbers shown in the following table when ordering the SGP40 gas sensor and accessories. For the latest product information and local distributors, visit www.sensirion.com. Part Name Description Ordering size Product Number SGP40-D-R4 SGP40 sensor components as tape on reel 2’500 pcs 3.000.384 Table 16 SGP40 ordering options. 6.1 Packaging Information Figure 15 Technical drawing of the packaging tape with sensor orientation in tape. Header tape is to the right and trailer tape to the left on this drawing. Dimensions are given in millimeters. |