| データシートサーチシステム |
|
HB28D032MM2 データシート(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 データシート(HTML) 23 Page - Renesas Technology Corp |
|
23 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 21 of 88 • ECC Defines the ECC code that was used for storing data on the card. This field is used by the host (or application) to decode the user data. The following table defines the field format. ECC ECC ECC type Maximum number of correctable bits 0 none (default) none 1 BCH (542,512) 3 2–3 reserved — The content provider or customer defines which kind of error correction may be used to protect the contents of the MultiMediaCard. This value is programmable. • CRC7 The CRC7 contains the check sum for the CSD content. The check sum is computed according to chapter “Cyclic Redundancy Check (CRC)”. The user has to recalculate a new CRC7 after defining a new CSD. |