| データシートサーチシステム |
|
HB28D032MM2 データシート(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 データシート(HTML) 32 Page - Renesas Technology Corp |
|
32 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 30 of 88 Erase Commands (class 5) CMD index Type Argument Resp Abbreviation Command description CMD32 ac [31:0] data address R1 TAG_SECTOR_ST ART Sets the address of the first sector of the erase group.* 1 CMD33 ac [31:0] data address R1 TAG_SECTOR_EN D Sets the address of the last sector in a continuous range within the selected erase group to be selected for erase, or the address of a single sector to be selected.* 1 CMD34 ac [31:0] data address R1 UNTAG_SECTOR Removes one previously selected sector from the erase selection.*1 CMD35 ac [31:0] data address R1 TAG_ERASE_GRO UP_START Sets the address of the first erase group within a range to be selected for erase CMD36 ac [31:0] data address R1 TAG_ERASE_GRO UP_END Sets the address of the last erase group within a continuous range to be selected for erase CMD37 ac [31:0] data address R1 UNTAG_ERASE_G ROUP Removes one previously selected erase group from the erase selection* 1 CMD38 ac [31:0] stuff bits R1b ERASE Erases all previously selected sectors Note: 1. “MultiMediaCard system specification Version 3.1” does not support these commands, but these Hitachi MultiMediaCards support them to keep backward compatibility with former MultiMediaCard series. |