| データシートサーチシステム |
|
ICS9DB102GLFT データシート(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9DB102GLFT データシート(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 10 page ![]() 3 Integrated Circuit Systems, Inc. ICS9DB102 0852C—09/12/05 The ICS9DB102 zero-delay buffer supports PCI Express clocking requirements. The ICS9DB102 is driven by a differential SRC output pair from an ICS CK409/CK410-compliant main clock generator such as the ICS952601 or ICS954101. It attenuates jitter on the input clock and has a selectable PLL Band Width to maximize performance in systems with or without Spread-Spectrum clocking. An SMBus interface allows control of the PLL bandwidth and bypass options, while 2 clock request (OE#) pins make the ICS9DB102 suitable for Express Card applications. General Description Block Diagram Power Groups SPREAD COMPATIBLE PLL CONTROL LOGIC SMBDAT SMBCLK CLK_INT C LK_IN C PLL_BW IREF PCIEX0 PCIEX1 CLKREQ1# CLKREQ0# VDD GND 5,9,12,16 6,15 PCI Express Outputs 96 SMBUS 20 19 IREF 20 19 Analog VDD & GND for PLL core Description Pin Number |