| データシートサーチシステム |
|
VR4102 データシート(PDF) 70 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 データシート(HTML) 70 Page - NEC |
|
70 / 701 page ![]() CHAPTER 2 PIN FUNCTIONS 70 2.2.11 General-purpose I/O Signals These are general-purpose I/O pins of the VR4102. Ordinary, 33 of the 49 GPIO pins are used as alternate- function pins. Table 2-11 describes the functions of these signals. Table 2-11. General-purpose I/O Signals Signal I/O Description of function GPIO[3..0] I/O These are maskable power-on factors. After start-up, they are used as ordinary GPIO pins. GPIO[8..4] I/O These are ordinary GPIO pins. GPIO[12..9] I/O These are maskable power-on factors. After start-up, they are used as ordinary GPIO pins. GPIO[14..13] I/O These are ordinary GPIO pins. DATA[31..16]/ GPIO[31..16] I/O See 2.2.1 System Bus Interface Signals. KSCAN[11..0]/ GPIO[43..32] O See 2.2.8 Keyboard Interface Signals. DDOUT/ GPIO[44] O See 2.2.7 Debug Serial Interface Signals. DDIN/GPIO[45] I/O See 2.2.7 Debug Serial Interface Signals. DRTS#/ GPIO[46] O See 2.2.7 Debug Serial Interface Signals. DCTS#/ GPIO[47] I/O See 2.2.7 Debug Serial Interface Signals. DBUS32/ GPIO[48] I/O See 2.2.1 System Bus Interface Signals. GPIO[49] I/O This function differs depending on the operating status. • In normal operation It can be used as a general-purpose output port. • After RTC reset Input state. Input low level. Sampling occurs when the RTCRST signal changes from low to high. |