| データシートサーチシステム |
|
A6986ITR データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
A6986ITR データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 62 page ![]() 2.1 Maximum ratings Stressing the device above the rating listed in the table below may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability. Table 2. Absolute maximum ratings Symbol Description Min. Max. Unit VIN See Table 1 -0.3 40 V DELAY -0.3 VCC + 0.3 V PGND SGND - 0.3 SGND + 0.3 V SGND - - V VCC -0.3 (VIN + 0.3) or (max. 4) V SS /INH -0.3 VIN + 0.3 V MLF -0.3 VCC + 0.3 V COMP -0.3 VCC + 0.3 V VFB -0.3 10 V FSW -0.3 VCC + 0.3 V SYNCH -0.3 VIN + 0.3 V VBIAS -0.3 (VIN + 0.3) or (max. 6) V RST -0.3 VIN + 0.3 V LX -0.3 VIN + 0.3 V TJ Operating temperature range -40 150 °C TSTG Storage temperature range - -65 to 150 °C TLEAD Lead temperature (soldering 10 s.) - 260 °C IHS, ILS High-side / low-side switch current - 2 A Table 3. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction ambient (device soldered on the STMicroelectronics demonstration board) 40 °C/W RthJC Thermal resistance junction to exposed pad for board design (not suggested to estimate TJ from power losses) 5 °C/W Table 4. ESD protection Symbol Test conditions Value Unit ESD HBM 2 kV CDM 500 V CDM corner pins 750 V A6986I Maximum ratings DS13481 - Rev 2 page 4/62 |