データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9026 データシート(PDF) 47 Page - STMicroelectronics

部品番号 L9026
部品情報  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 データシート(HTML) 47 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 43Page - STMicroelectronics L9026 Datasheet HTML 44Page - STMicroelectronics L9026 Datasheet HTML 45Page - STMicroelectronics L9026 Datasheet HTML 46Page - STMicroelectronics L9026 Datasheet HTML 47Page - STMicroelectronics L9026 Datasheet HTML 48Page - STMicroelectronics L9026 Datasheet HTML 49Page - STMicroelectronics L9026 Datasheet HTML 50Page - STMicroelectronics L9026 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Field name
Type
Bit Offset
Bit Width
Reset Value
Reset Sources
Description
OUTn
RLR
0
8
0x00
POR_N
Channel [7:0], MSB refers to channel 7
0: (default) no fail
1: open load detected
DIAG_SHG
Register name:
DIAG_SHG
Address:
Global Base Address + 0x15
Description:
Driver shorted load detection in OFF state Register
Field name
Type
Bit Offset
Bit Width
Reset Value
Reset Sources
Description
OUTn
RLR
0
8
0x00
POR_N
Channel [7:0], MSB refers to channel 7
0: (default) no fail
1: STG/STB detected
Note:
Global Base Address to be considered as 0x00
L9026
SPI register
DS13397 - Rev 5
page 47/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60